| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCS-7280QR-C36-M-R bảng dữ liệu(PDF) 2 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7280QR-C36-M-R bảng dữ liệu(HTML) 2 Page - Arista Networks, Inc |
|
2 / 16 page ![]() Enhanced Features for High Performance Cloud Networks The Arista 7280R delivers a suite of advanced tra c control and monitoring features to improve the agility of modern high performance environments, with solutions for automation, data monitoring, precise timing and next-generation virtualization. Automating the data center enables customers to dynamically provision computing resources in the most e cient manner while also meeting business needs by maintaining service level agreements (SLAs). Arista EOS automates complex IT work ows and simpli es network operations while reducing or even eliminating downtime. Arista EOS rich automation capabilities not only reduce the human error element in network operations but also enable IT operators to make the network work the way they want. Arista o ers solutions for a variety of approaches to cloud-like network automation. Addressing the needs of the largest public cloud environments as well as applying those lessons learned in the turnkey CloudVision automation o ering. CloudVision CloudVision is a network-wide approach for workload orchestration and work ow automation as a turnkey solution for Cloud Networking. CloudVision extends the EOS publish subscribe architectural approach across the network for state, topology, monitoring and visibility. This enables enterprises to move to cloud-class automation without needing any signi cant internal development. Advanced Event Management (AEM) Advanced Event Management (AEM), a sub-system of Arista EOS, is a powerful and exible tool to automate tasks and customize the behavior of EOS and the operation of the overall data center switching infrastructure. Simplifying the overall operations, AEM provides the tools to customize alerts and actions. AEM allows operators to fully utilize the intelligence within EOS to respond to real-time events, automate routine tasks, and automate actions based on changing network conditions. Precise Data Analysis Arista Latency Analyzer (LANZ) and Precision Data Analyzer (DANZ) are integrated features of EOS. DANZ provides a solution to monitoring and visibility challenges at 10/40/100Gbps giving IT operations the ability to proactively deliver feedback on congestion events, lter, replicate, aggregate and capture tra c without a ecting production performance. LANZ provides precise real-time monitoring of micro-burst and congestion events before they impact applications, with the ability to identify the sources and capture a ected tra c for analysis. Precision Timing (IEEE 1588) Arista’s hardware derived Precision Time Protocol solution provides a robust mechanism for accurate in-band time distribution in high performance environments. The system clock can be synchronized using IEEE 1588 PTP. Virtualization Supporting next-generation virtualized data centers requires tight integration with orchestration tools and emerging encapsulation technologies such as VXLAN. The 7280R builds on the valuable tools already provided by the Arista VM Tracer suite to integrate directly into encapsulated environments. O ering a wire-speed gateway between VXLAN and traditional L2/3 environments, the 7280R makes integration of non-VXLAN aware devices including servers, rewalls and load-balancers seamless and provides the ability to leverage VXLAN as a standards based L2 extension technology for non-MPLS environments. AlgoMatchTM AlgoMatch is a unique Arista innovation for modern cloud networks, combining both software and hardware to enable more exible and scalable solutions for access control, policy based forwarding and network telemetry. By combining general purpose memory with advanced software algorithms AlgoMatch delivers higher scale, performance and e ciency with lower power and is more cost e ective than traditional solutions. AlgoMatch provides a more e cient packet matching algorithm that in turn enables ow matching for access control, policy and visibility. The net bene ts are a high performance policy engine with both increased functionality and scale in a cost and power e cient solution. AlgoMatch is available on the 7280RA, 7280R2A and 7280R2K Series of products. • AlgoMatch enables IPv4 and IPv6 access control at the same scale • L4 rule ranges are programmed e ciently without expansion or reduced capacity • Multiple actions can be performed on a single packet or ow • User de ned lters allow exible packet classi cation based on o sets for custom actions • Supports rich policy with consistent semantics that would exhaust classical resources 7280R Series | Technical Speci cations |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |