| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4817-2ACPZ-R7 bảng dữ liệu(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4817-2ACPZ-R7 bảng dữ liệu(HTML) 18 Page - Analog Devices |
|
18 / 29 page ![]() Data Sheet ADA4817-1/ADA4817-2 THEORY OF OPERATION analog.com Rev. H | 18 of 29 The ADA4817-1/ADA4817-2 are voltage feedback operational am- plifiers that combine new architecture for FET input operational amplifiers with the eXFCB process from Analog Devices, resulting in an outstanding combination of speed and low noise. The innova- tive high speed FET input stage handles common-mode signals from the negative supply to within 2.7 V of the positive rail. This stage is combined with an H-bridge to attain an 870 V/µs slew rate and low distortion, in addition to 4 nV/√Hz input voltage noise. The amplifier features a high speed output stage capable of driving heavy loads sourcing and sinking up to 40 mA of linear current. Supply current and offset current are laser trimmed for optimum performance. These specifications make the ADA4817-1/ ADA4817-2 a great choice for high speed instrumentation and high resolution data acquisition systems. Their low noise, picoampere input current, precision offset, and high speed make them superb preamps for fast photo-diode applications. CLOSED-LOOP FREQUENCY RESPONSE The ADA4817-1/ADA4817-2 are classic voltage feedback amplifiers with an open-loop frequency response that can be approximated as the integrator response shown in Figure 54. Basic closed-loop frequency response for inverting and noninverting configurations can be derived from the schematics shown in Figure 52 and Figure 53. Figure 52. Noninverting Configuration Figure 53. Inverting Configuration NONINVERTING CLOSED-LOOP FREQUENCY RESPONSE Solving for the transfer function, VOVI = 2π×fCROSSOVERRG+RF RF+RG S+2π×fCROSSOVER×RG (4) where: fCROSSOVER is the frequency where the open-loop gain of the amplifier equals 0 dB. VO is the output voltage. VI is the input voltage. At dc, VOVI =RF+RGRG (5) The closed-loop −3 dB frequency is f−3dB=fCROSSOVER× RGRF+RG (6) INVERTING CLOSED-LOOP FREQUENCY RESPONSE Solving for the transfer function, VOVI = −2π×fCROSSOVER×RF RF+RG S+2π×fCROSSOVER×RG (7) At dc VOVI =−RFRG (8) Solve for closed-loop −3 dB frequency using Equation 6. Figure 54. Open-Loop Gain vs. Frequency The closed-loop bandwidth is inversely proportional to the noise gain of the op amp circuit, (RF + RG)/RG. This simple model is accurate for noise gains above 2. The actual bandwidth of circuits with noise gains at or below 2 is higher than those predicted with this model due to the influence of other poles in the frequency response of the real op amp. Figure 55 shows the dc errors of the voltage feedback amplifier. For both inverting and noninverting configurations, VOUT error =Ib+×RS RG+RFRG −Ib− ×RF+VOS RG+RFRG (9) where Ib is the bias current. |