| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TEA1069N bảng dữ liệu(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA1069N bảng dữ liệu(HTML) 34 Page - NXP Semiconductors |
|
34 / 44 page ![]() 1998 Jan 08 34 Philips Semiconductors Product specification Versatile speech/dialler/ringer with music-on-hold TEA1069; TEA1069A KEYBOARD (PINS 14 TO 19 AND 29 TO 33) td keyboard debounce time − 20 − ms tap access pause time TEA1069 diodes APT off; APT2 off − 2 − s diodes APT on; APT2 off − 4 − s TEA1069A diodes APT off; APT2 off − 1 − s diodes APT on; APT2 off − 4 − s diodes APT off; APT2 on − 2 − s diodes APT on; APT2 on − 3 − s DP/FL OUTPUT (PIN 20) tidp interdigit pause time − 840 − ms tholdover mute hold-over time − 40 − ms tinterflash interflash hold-over time TEA1069 − 0 − ms TEA1069A − 960 − ms tm make time diode M/B off − 40 − ms diode M/B on − 33 − ms tb break time diode M/B off − 60 − ms diode M/B on − 66 − ms trc recall time using flash diode FES A off, FES B off − 100 − ms diode FES A on, FES B off − 270 − ms diode FES A off, FES B on − 600 − ms tea recall time using earth diode FES A on, FES B on − 400 − ms TONE OUTPUT (PIN 24) tt burst time diode TBT off − 100 − ms diode TBT on − 85 − ms tp pause time diode TBT off − 100 − ms diode TBT on − 85 − ms ∆f/f frequency deviation −0.6 +0.6 % VHG(rms) HGF voltage (RMS value) 158 181 205 mV VLG(rms) LGF voltage (RMS value) 125 142 160 mV VDC DC voltage level − 1 ⁄2VDD − V Z o output impedance − 100 500 Ω VG pre-emphasis of group 1.5 2.0 2.5 dB THD total harmonic distortion −−25 − dB SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT |