| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MD2001FX bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MD2001FX bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. May 2007 Rev 1 1/8 8 Order code Part Number Marking Package Packaging MD2001FX MD2001FX ISOWATT218FX Tube MD2001FX High voltage NPN Power transistor for standard Definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ More stable performances versus operating temperature variation ■ Low base-drive requirements ■ Tighter hFE range at operating collector current ■ Fully insulated power package U.L. compliant Applications ■ Horizontal deflection output for monitor and real flat TV Description The MD2001FX is manufactured using Diffused Collector in Planar Technology adopting new and enhanced high voltage structure. The new MD product series show improved silicon efficiency bringing updated performance to the Horizontal Deflection stage. Internal schematic diagram ISOWATT218FX 1 2 3 www.st.com |
Số phần tương tự - MD2001FX |
|
Mô tả tương tự - MD2001FX |