công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMASH105SB7331MFCA01 bảng dữ liệu(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện MMASH105SB7331MFCA01
Giải thích chi tiết về linh kiện  Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MMASH105SB7331MFCA01 bảng dữ liệu(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  MMASH105SB7331MFCA01 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MMASH105SB7331MFCA01 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc MMASH105SB7331MFCA01 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
MMASH105SB7331MFCA01 (Previous PN: HMK105B7331MVHFE)
Features
Item Summary
330pF±20%, 100V,
X7R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Paper 10000pcs
Products characteristics table
Capacitance
330 pF ± 20 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
100 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS Compliance (10 subst.)
Yes
REACH Compliance (240 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.5 ±0.05 mm
Dimension e
0.25 ±0.10 mm
2024.09.27
1 / 1


Số phần tương tự - MMASH105SB7331MFCA01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
MMASH105SB7331MFCA18 TAIYO-YUDEN-MMASH105SB7331MFCA18 Datasheet
501Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
More results

Mô tả tương tự - MMASH105SB7331MFCA01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
MMASH31LSB7684KTCA01 TAIYO-YUDEN-MMASH31LSB7684KTCA01 Datasheet
294Kb / 2P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASH31LSB7684MTCA01 TAIYO-YUDEN-MMASH31LSB7684MTCA01 Datasheet
294Kb / 2P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASJ063SD7223MFCA01 TAIYO-YUDEN-MMASJ063SD7223MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASJ063SD7333MFCA01 TAIYO-YUDEN-MMASJ063SD7333MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASQ21GAB7473KTCA01 TAIYO-YUDEN-MMASQ21GAB7473KTCA01 Datasheet
294Kb / 2P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASQ21GAB7473MTCA01 TAIYO-YUDEN-MMASQ21GAB7473MTCA01 Datasheet
294Kb / 2P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASQ21GAB7104KTCA01 TAIYO-YUDEN-MMASQ21GAB7104KTCA01 Datasheet
432Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
22U1A09
MMASQ21GAB7104MTCA01 TAIYO-YUDEN-MMASQ21GAB7104MTCA01 Datasheet
432Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
22U1A09
MMASQ21GAB7683KTCA01 TAIYO-YUDEN-MMASQ21GAB7683KTCA01 Datasheet
431Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
22U1A09
MMASQ21GAB7683MTCA01 TAIYO-YUDEN-MMASQ21GAB7683MTCA01 Datasheet
431Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
22U1A09
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com