| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBRB1535CT bảng dữ liệu(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
MBRB1535CT bảng dữ liệu(HTML) 3 Page - International Rectifier |
|
3 / 3 page ![]() MBRB1535CT, MBRB1545CT PD-2.562 05/98 3 www.irf.com Dimensionsinmillimetersandinches TRR FEED DIRECTION TRL FEED DIRECTION 10 .90 (0.4 29) 10 .70 (0.4 21) 16 .10 (0.6 34) 15 .90 (0.6 26) 1.75 (0 .06 9) 1.25 (0 .04 9) 1.85 (0.073) 1.65 (0.065) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059) DIA. 1.60 (0.063) 1.50 (0.059) DIA. 11.60 (0.457) 11.40 (0.449) 15 .42 (0.6 09) 15 .22 (0.6 01) 4.72 (0 .18 6) 4.52 (0 .17 8) 24 .30 (0 .95 7) 23 .90 (0 .94 1) 0.368 (0.0145) 0.342 (0.0135) 360 (1 4.173) DIA. MAX. 26 .40 (1.0 39) 24 .40 (0.9 61) 13.50 (0.532) 12.80 (0.504) DIA. 60 (2 .362) DIA. MIN. SMD-220 Tape & Reel When orderi ng, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR. Tape & Reel Information 9G3A MBRB1545CT 9512 EXAMPLE: THIS IS AN MBRB1545CT INTERNATIONAL RECTIFIER LOGO PART NUMBER Marking Information DATE CODE (YYWW) YY = YEAR WW = WEEK ASSEMBLY LOT CODE (K) (A) (A) |