công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBR30H100MFS bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MBR30H100MFS
Giải thích chi tiết về linh kiện  Switch-mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR30H100MFS bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MBR30H100MFS Datasheet HTML 1Page - ON Semiconductor MBR30H100MFS Datasheet HTML 2Page - ON Semiconductor MBR30H100MFS Datasheet HTML 3Page - ON Semiconductor MBR30H100MFS Datasheet HTML 4Page - ON Semiconductor MBR30H100MFS Datasheet HTML 5Page - ON Semiconductor MBR30H100MFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR30H100MFS, NRVB30H100MFS
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR, TC = 140C)
IF(AV)
30
A
Peak Repetitive Forward Current,
(Rated VR, Square Wave, 20 kHz, TC = 135C)
IFRM
60
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
300
A
Storage Temperature Range
Tstg
−65 to +175
C
Operating Junction Temperature
TJ
−55 to +175
C
Unclamped Inductive Switching Energy (10 mH Inductor, Non−repetitive)
EAS
100
mJ
ESD Rating (Human Body Model)
3B
ESD Rating (Machine Model)
M4
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
NOTE: The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance, Junction−to−Case, Steady State
(Assumes 600 mm2 1 oz. copper bond pad, on a FR4 board)
RJC
−
1.6
C/W
ELECTRICAL CHARACTERISTICS
Instantaneous Forward Voltage (Note 1)
(iF = 15 A, TJ = 125C)
(iF = 15 A, TJ = 25C)
(iF = 30 A, TJ = 125C)
(iF = 30 A, TJ = 25C)
vF
0.58
0.71
0.66
0.81
0.72
0.76
0.86
0.90
V
Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 125C)
(Rated dc Voltage, TJ = 25C)
iR
5
0.005
15
0.1
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle  2.0%.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com