| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DJIXP972MLAA4 bảng dữ liệu(PDF) 47 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DJIXP972MLAA4 bảng dữ liệu(HTML) 47 Page - Intel Corporation |
|
47 / 92 page ![]() Intel ® LXT972M Single-Port 10/100 Mbps PHY Transceiver Datasheet 47 Document Number: 302875-005 Revision Date: 27-Oct-2005 CONTROL 0 1 0 1 J 2 1 1 0 0 0 Start-of-Stream Delimiter (SSD), part 1 of 2 0 1 0 1 K 2 1 0 0 0 1 Start-of-Stream Delimiter (SSD), part 2 of 2 Undefined T 3 0 1 1 0 1 End-of-Stream Delimiter (ESD), part 1 of 2 Undefined R 3 0 0 1 1 1 End-of-Stream Delimiter (ESD), part 2 of 2 INVALID Undefined H 4 0 0 1 0 0 Transmit Error. Used to force signaling errors Undefined Invalid 0 0 0 0 0 Invalid Undefined Invalid 0 0 0 0 1 Invalid Undefined Invalid 0 0 0 1 0 Invalid Undefined Invalid 0 0 0 1 1 Invalid Undefined Invalid 0 0 1 0 1 Invalid Undefined Invalid 0 0 1 1 0 Invalid Undefined Invalid 0 1 0 0 0 Invalid Undefined Invalid 0 1 1 0 0 Invalid Undefined Invalid 1 0 0 0 0 Invalid Undefined Invalid 1 1 0 0 1 Invalid Table 15. 4B/5B Coding (Sheet 2 of 2) Code Type 4B Code 3 2 1 0 Name 5B Code 4 3 2 1 0 Interpretation 1. The /I/ (Idle) code group is sent continuously between frames. 2. The /J/ and /K/ (SSD) code groups are always sent in pairs, and /K/ follows /J/. 3. The /T/ and /R/ (ESD) code groups are always sent in pairs, and /R/ follows /T/. 4. An /H/ (Error) code group is used to signal an error condition. |