| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4610-2ARMZ bảng dữ liệu(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4610-2ARMZ bảng dữ liệu(HTML) 27 Page - Analog Devices |
|
27 / 27 page ![]() Data Sheet ADA4610-1/ADA4610-2/ADA4610-4 Rev. I | Page 27 of 27 ORDERING GUIDE Model1 Temperature Range Package Description Package Option Marking Code ADA4610-1ARZ −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-1ARZ-R7 −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-1ARZ-RL −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-1BRZ −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-1BRZ-R7 −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-1BRZ-RL −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-1ARJZ-R2 −40°C to +125°C 5-Lead Small Outline Transistor Package [SOT-23] RJ-5 A37 ADA4610-1ARJZ-R7 −40°C to +125°C 5-Lead Small Outline Transistor Package [SOT-23] RJ-5 A37 ADA4610-1ARJZ-RL −40°C to +125°C 5-Lead Small Outline Transistor Package [SOT-23] RJ-5 A37 ADA4610-2ACPZ-R7 −40°C to +125°C 8-Lead Lead Frame Chip Scale Package [LFCSP] CP-8-11 A2U ADA4610-2ACPZ-RL −40°C to +125°C 8-Lead Lead Frame Chip Scale Package [LFCSP] CP-8-11 A2U ADA4610-2ARMZ −40°C to +125°C 8-Lead Mini Small Outline Package [MSOP] RM-8 A2U ADA4610-2ARMZ-R7 −40°C to +125°C 8-Lead Mini Small Outline Package [MSOP] RM-8 A2U ADA4610-2ARMZ-RL −40°C to +125°C 8-Lead Mini Small Outline Package [MSOP] RM-8 A2U ADA4610-2ARZ −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-2ARZ-R7 −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-2ARZ-RL −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-2BRZ −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-2BRZ-R7 −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-2BRZ-RL −40°C to +125°C 8-Lead Standard Small Outline Package [SOIC_N] R-8 ADA4610-4ARZ −40°C to +125°C 14-Lead Standard Small Outline Package [SOIC_N] R-14 ADA4610-4ARZ-R7 −40°C to +125°C 14-Lead Standard Small Outline Package [SOIC_N] R-14 ADA4610-4ARZ-RL −40°C to +125°C 14-Lead Standard Small Outline Package [SOIC_N] R-14 ADA4610-4ACPZ-R7 −40°C to +125°C 16-Lead Lead Frame Chip Scale Package [LFCSP] CP-16-23 ADA4610-4ACPZ-RL −40°C to +125°C 16-Lead Lead Frame Chip Scale Package [LFCSP] CP-16-23 1 Z = RoHS Compliant Part. ©2011–2019 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D09646-0-6/19(I) |