| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F212BCSNFP bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F212BCSNFP bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp |
|
37 / 58 page ![]() R8C/2A Group, R8C/2B Group 2. Central Processing Unit (CPU) Rev.2.00 Nov 26, 2007 Page 17 of 580 REJ09B0324-0200 2. Central Processing Unit (CPU) Figure 2.1 shows the CPU Registers. The CPU contains 13 registers. R0, R1, R2, R3, A0, A1, and FB configure a register bank. There are two sets of register bank. Figure 2.1 CPU Registers R2 b31 b15 b8b7 b0 Data registers(1) Address registers(1) R3 R0H (high-order of R0) R2 R3 A0 A1 INTBH b15 b19 b0 INTBL FB Frame base register(1) The 4 high order bits of INTB are INTBH and the 16 low order bits of INTB are INTBL. Interrupt table register b19 b0 USP Program counter ISP SB User stack pointer Interrupt stack pointer Static base register PC FLG Flag register Carry flag Debug flag Zero flag Sign flag Register bank select flag Overflow flag Interrupt enable flag Stack pointer select flag Reserved bit Processor interrupt priority level Reserved bit C IPL D Z S B O I U b15 b0 b15 b0 b15 b0 b8 b7 NOTE: 1. These registers comprise a register bank. There are two register banks. R1H (high-order of R1) R0L (low-order of R0) R1L (low-order of R1) |