công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8C2K bảng dữ liệu(PDF) 41 Page - Renesas Technology Corp

tên linh kiện R8C2K
Giải thích chi tiết về linh kiện  MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K bảng dữ liệu(HTML) 41 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 37Page - Renesas Technology Corp R8C2K Datasheet HTML 38Page - Renesas Technology Corp R8C2K Datasheet HTML 39Page - Renesas Technology Corp R8C2K Datasheet HTML 40Page - Renesas Technology Corp R8C2K Datasheet HTML 41Page - Renesas Technology Corp R8C2K Datasheet HTML 42Page - Renesas Technology Corp R8C2K Datasheet HTML 43Page - Renesas Technology Corp R8C2K Datasheet HTML 44Page - Renesas Technology Corp R8C2K Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
R8C/2K Group, R8C/2L Group
5. Resets
Rev.1.10
Dec 21, 2007
Page 24 of 450
REJ09B0406-0110
5.
Resets
The following resets are implemented: hardware reset, power-on reset, voltage monitor 0 reset, voltage monitor 1 reset,
voltage monitor 2 reset, watchdog timer reset, and software reset.
Table 5.1 lists the Reset Names and Sources.
Figure 5.1
Block Diagram of Reset Circuit
Table 5.1
Reset Names and Sources
Reset Name
Source
Hardware reset
Input voltage of RESET pin is held “L”
Power-on reset
VCC rises
Voltage monitor 0 reset
VCC falls (monitor voltage: Vdet0)
Voltage monitor 1 reset
VCC falls (monitor voltage: Vdet1)
Voltage monitor 2 reset
VCC falls (monitor voltage: Vdet2)
Watchdog timer reset
Underflow of watchdog timer
Software reset
Write 1 to PM03 bit in PM0 register
RESET
Power-on reset
circuit
Voltage
detection
circuit
Watchdog
timer
CPU
Voltage monitor 0 reset
SFRs
Bits VCA25,
VW0C0, and
VW0C6
SFRs
Bits VCA13, VCA26, VCA27,
VW1C2, VW1C3,
VW2C2, VW2C3,
VW0C1, VW0F0,
VW0F1, and VW0C7
Pin, CPU, and
SFR bits other than
those listed above
VCC
Hardware reset
Power-on reset
Voltage monitor 1 reset
Watchdog timer
reset
Software reset
VCA13: Bit in VCA1 register
VCA25, VCA26, VCA27: Bits in VCA2 register
VW0C0, VW0C1, VW0C6, VW0F0, VW0F1, VW0C7: Bits in VW0C register
VW1C2, VW1C3: Bits in VW1C register
VW2C2, VW2C3: Bits in VW2C register
Voltage monitor 2
reset
SFRs
Bits VCA25,
VW0C0, and
VW0C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com