| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA9801 bảng dữ liệu(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9801 bảng dữ liệu(HTML) 18 Page - NXP Semiconductors |
|
18 / 32 page ![]() 1999 Aug 26 18 Philips Semiconductors Product specification Single standard VIF-PLL demodulator and FM-PLL detector TDA9801 Fig.9 AM suppression (typical value) of the FM limiter amplifier as a function of the input voltage. handbook, full pagewidth −100 0 −80 −60 −40 −20 MHA885 10−1 1 Vi(SI) (mV) 10 102 103 αAM (dB) Fig.10 AF output signal and signal-to-noise ratio as a function of the input voltage. (1) Signal-to-noise ratio (weighted). (2) AF output signal (typical value). handbook, full pagewidth 460 480 500 520 540 MHA886 110 102 10−1 103 50 60 40 30 20 Vi(SI) (mV) S/NW (dB) (1) (2) Vo(AF)(rms) (mV) |