| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ12MC02EML bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC02EML bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 284 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70265B-page 7 dsPIC33FJ12MC201/202 1.0 DEVICE OVERVIEW This document contains device specific information for the dsPIC33FJ12MC201/202 Digital Signal Controller (DSC) Devices. The dsPIC33F devices contain extensive Digital Signal Processor (DSP) functionality with a high performance 16-bit microcontroller (MCU) architecture. Figure 1-1 shows a general block diagram of the core and peripheral modules in the dsPIC33FJ12MC201/ 202 family of devices. Table 1-1 lists the functions of the various pins shown in the pinout diagrams. Note: This data sheet summarizes the features of the dsPIC33FJ12MC201/202 devices. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the “dsPIC33F Family Reference Manual”. Please see the Microchip web site (www.microchip.com) for the latest dsPIC33F Family Reference Manual chapters. |