công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX301MLP bảng dữ liệu(PDF) 5 Page - Maxim Integrated Products

tên linh kiện MAX301MLP
Giải thích chi tiết về linh kiện  Precision, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX301MLP bảng dữ liệu(HTML) 5 Page - Maxim Integrated Products

  MAX301MLP Datasheet HTML 1Page - Maxim Integrated Products MAX301MLP Datasheet HTML 2Page - Maxim Integrated Products MAX301MLP Datasheet HTML 3Page - Maxim Integrated Products MAX301MLP Datasheet HTML 4Page - Maxim Integrated Products MAX301MLP Datasheet HTML 5Page - Maxim Integrated Products MAX301MLP Datasheet HTML 6Page - Maxim Integrated Products MAX301MLP Datasheet HTML 7Page - Maxim Integrated Products MAX301MLP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
________________________________________________________________________________________ 5
Precision, Dual, High-Speed Analog Switches
____________________Pin Descriptions
__________Applications Information
Operation with Supply Voltages
Other than ±15V
The MAX301/MAX303/MAX305 switches operate with
±4.5V to ±20V bipolar supplies and a +10V to +30V sin-
gle supply. In either case, analog signals ranging from V+
to V- can be switched. The
Typical Operating
Characteristics graphs show the typical on-resistance
variation with analog signal and supply voltage. The usual
on-resistance temperature coefficent is 0.5%/°C (typ).
Logic Inputs
The MAX301/MAX303/MAX305 operate with a single pos-
itive supply or with bipolar supplies. The devices maintain
TTL compatibility with supplies anywhere in the ±4.5V to
±20V range as long as VL = +5V. If VL is connected to V+
or another supply at voltages other than +5V, the devices
will operate at CMOS-logic level inputs.
Overvoltage Protection
Proper power-supply sequencing is recommended for all
CMOS devices. It is important not to exceed the absolute
maximum ratings because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, followed by VL, V-, and
logic inputs. If power-supply sequencing is not possible,
add two small signal diodes in series with the supply pins
for overvoltage protection (Figure 1). Adding diodes
reduces the analog signal range to 1V below V+ and 1V
below V-, but low switch resistance and low leakage char-
acteristics are unaffected. Device operation is
unchanged, and the difference between V+ to V- should
not exceed +44V.
DIP/SO
NAME
FUNCTION
1, 8
COM1,
COM2
Drain (Analog Signal)
2-7
N.C.
Not internally connected
9, 16
NC1,
NC2
Source (Analog Signal)
10, 15
IN2, IN1
Digital Logic Inputs
11
V+
Positive Supply-Voltage
Input—connected to
substrate
12
VL
Logic Supply-Voltage Input
13
GND
Negative Supply Voltage
Input
14
V-
2, 10
1, 3-9, 11,
16
5, 7, 12,
20
13, 19
14
15
17
18
Ground
LCC
NAME
FUNCTION
1, 8, 3, 6
2, 4, 8, 10
COM_
Drain (Analog Signal)
2-7
1, 3, 6, 9,
11, 16
N.C.
Not internally connected
11
14
V+
Positive Supply-Voltage
Input—connected to
substrate
12
15
VL
Logic Supply-Voltage Input
13
17
GND
Ground
14
18
V-
Negative Supply Voltage
Input
15, 10
19, 13
IN1, IN2
Digital Logic Inputs
16, 9, 5, 4
5, 7, 12,
20
NC_,
NO_
Source (Analog Signal)
LCC
NAME
FUNCTION
1, 8, 3, 6
2, 4, 8, 10
COM_
Drain (Analog Signal)
2-7
1, 3, 6, 9,
11, 16
N.C.
Not internally connected
11
14
V+
Positive Supply-Voltage
Input—connected to
substrate
12
15
VL
Logic Supply-Voltage Input
13
17
GND
Ground
14
18
V-
Negative Supply Voltage
15, 10
19, 13
IN1, IN2
Digital Logic Inputs
16, 9, 5, 4
5, 7, 12,
20
NO_
Source (Analog Signal)
Vg
NO_
V+
COM_
V-
Figure 1. Overvoltage Protection Using Blocking Diodes
MAX301 PIN
LCC
MAX303 PIN
DIP/SO
MAX305 PIN
DIP/SO



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com