công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25LC1024-E/P bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện 25LC1024-E/P
Giải thích chi tiết về linh kiện  1 Mbit SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC1024-E/P bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button 25LC1024-E/P Datasheet HTML 11Page - Microchip Technology 25LC1024-E/P Datasheet HTML 12Page - Microchip Technology 25LC1024-E/P Datasheet HTML 13Page - Microchip Technology 25LC1024-E/P Datasheet HTML 14Page - Microchip Technology 25LC1024-E/P Datasheet HTML 15Page - Microchip Technology 25LC1024-E/P Datasheet HTML 16Page - Microchip Technology 25LC1024-E/P Datasheet HTML 17Page - Microchip Technology 25LC1024-E/P Datasheet HTML 18Page - Microchip Technology 25LC1024-E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS21836D-page 15
25AA1024/25LC1024
2.9
SECTOR ERASE
The Sector Erase function will erase all bits (FFh)
inside the given sector. A Write Enable (WREN) instruc-
tion must be given prior to attempting a Sector Erase.
This is done by setting CS low and then clocking out
the proper instruction into the 25XX1024. After all
eight bits of the instruction are transmitted, the CS
must be brought high to set the write enable latch.
The Sector Erase function is entered by driving CS
low, followed by the instruction code (Figure 2-9), and
three address bytes. Any address inside the sector to
be erased is a valid address.
CS must then be driven high after the last bit if the
address or the Sector Erase will not execute. Once the
CS is driven high, the self-timed Sector Erase cycle is
started. The WIP bit in the STATUS register can be
read to determine when the Sector Erase cycle is
complete.
If a SECTOR ERASE instruction is given to an address
that has been protected by the Block Protect bits (BP0,
BP1) then the sequence will be aborted and no erase
will occur.
See Table 2-3 for Sector Addressing.
FIGURE 2-9:
SECTOR ERASE SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11
29 30 31
1
00
1
1
0
1
10
23 22 21 20
210
Instruction
24-bit Address
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com