| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA8784 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8784 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 28 page ![]() 1999 Sep 21 4 Philips Semiconductors Product specification 18 Msps, 10-bit analog-to-digital interface for CCD cameras TDA8784 BLOCK DIAGRAM handbook, full pagewidth MGM505 TRACK- AND-HOLD TRACK- AND-HOLD TRACK- AND-HOLD CLAMP ref1 CLAMP 8-BIT DAC 10-BIT DAC 9-BIT DAC 6 dB AGC 1 1 CLOCK GENERATOR 10-BIT ADC REGULATOR SERIAL INTERFACE 4-BIT DAC CUT-OFF OUTPUTS BUFFER 5 4 2 7 6 9 10 14 11 12 13 15 16 17 18 20 21 22 23 19 24 36 3 25 26 27 28 29 30 31 32 33 34 35 37 38 39 40 41 42 43 44 45 48 46 47 IND INP AGND3 SHD SHP CLPDM CLK DGND2 VCCO VCCD2 VCCA3 OE D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 DGND1 OFDOUT OGND VCCD1 STDBY SEN AGND6 SCLK SDATA DEC1 VRT VRB VCCA2 DACOUT Vref CLPADC AGND2 ADCIN AGND5 VCCA1 AGCOUT AGND4 AGND1 8 CPCDS AMPOUT TDA8784 4-BIT DAC CUT-OFF 1 CLPOB Fig.1 Block diagram. |