công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

93LC66A-E/MC bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện 93LC66A-E/MC
Giải thích chi tiết về linh kiện  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66A-E/MC bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button 93LC66A-E/MC Datasheet HTML 9Page - Microchip Technology 93LC66A-E/MC Datasheet HTML 10Page - Microchip Technology 93LC66A-E/MC Datasheet HTML 11Page - Microchip Technology 93LC66A-E/MC Datasheet HTML 12Page - Microchip Technology 93LC66A-E/MC Datasheet HTML 13Page - Microchip Technology 93LC66A-E/MC Datasheet HTML 14Page - Microchip Technology 93LC66A-E/MC Datasheet HTML 15Page - Microchip Technology 93LC66A-E/MC Datasheet HTML 16Page - Microchip Technology 93LC66A-E/MC Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 13
93XX46X/56X/66X/76X/86X
3.6
ERASE/WRITE DISABLE And
ENABLE (EWDS/EWEN)
The 93XX series devices power-up in the Erase/Write
Disable (EWDS) state. All programming modes must
be preceded by an Erase/Write Enable (EWEN) instruc-
tion. Once the EWEN instruction is executed, program-
ming remains enabled until an EWDS instruction is
executed or VCC is removed from the device.
To protect against accidental data disturbance, the
EWDS
instruction can be used to disable all Erase/Write
functions
and
should
follow
all
programming
operations.
Execution
of
a
READ
instruction
is
independent of both the EWEN and EWDS instructions.
FIGURE 3-5:
EWDS TIMING
FIGURE 3-6:
EWEN TIMING
CS
CLK
DI
10
00
0
x
•••
x
TCSL
1x
CS
CLK
DI
00
1
1
x
TCSL
•••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38