| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1303B-CS3EMFTR bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1303B-CS3EMFTR bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 30 page ![]() © 2005 Microchip Technology Inc. DS21949A-page 13 TC1303B Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN =4.7 µF, COUT2 =1 µF, L =4.7 µH, VOUT1 (ADJ) = 1.8V, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed output voltage options can be used to generate the Typical Performance Characteristics. FIGURE 2-31: PG Output Voltage Level Low vs. Ambient Temperature. FIGURE 2-32: PG Output Voltage Level High vs. Ambient Temperature. FIGURE 2-33: VOUT2 Power Supply Ripple Rejection vs. Frequency. FIGURE 2-34: VOUT2 Noise vs. Frequency. FIGURE 2-35: VOUT1 Load Step Response vs. Time. FIGURE 2-36: VOUT2 Load Step Response vs. Time. 0.01 0.012 0.014 0.016 0.018 0.02 Ambient Temperature (°C) VIN = 3.6V IOL = 1.2 mA SHDN1 = VIN2 SHDN2 = VIN2 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -40 -25 -10 5 20 35 50 65 80 95 110 125 Ambient Temperature (°C) VIN = 3.6V IOH = 500 µA VOUT2 = 2.8V VOUT2 = 2.5V VOUT2 = 1.5V SHDN1 = VIN2 SHDN2 = VIN2 -80 -70 -60 -50 -40 -30 -20 -10 0 0.01 0.1 1 10 100 1000 Frequency (kHz) SHDN1 = GND VOUT2 = 1.5V IOUT2 = 30 mA CIN = 0 µF COUT2 = 1.0 µF COUT2 = 4.7 µF 0.01 0.1 1 10 0.01 0.1 1 10 100 1000 10000 Frequency (kHz) SHDN1 = AGND SHDN2 = VIN2 VIN = 3.6V VOUT2 = 2.5V IOUT2 = 50 mA |