công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ64GP708 bảng dữ liệu(PDF) 2 Page - Microchip Technology

tên linh kiện DSPIC33FJ64GP708
Giải thích chi tiết về linh kiện  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 bảng dữ liệu(HTML) 2 Page - Microchip Technology

  DSPIC33FJ64GP708 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 2
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 2-1:
PROGRAMMING SYSTEM
OVERVIEW FOR
ENHANCED ICSP™
This specification is divided into major sections that
describe the programming methods independently.
Section 3.0 “Device Programming – Enhanced
ICSP”
describes
the
Enhanced
ICSP
method.
Section 5.0 “Device Programming – ICSP” describes
the ICSP method.
2.1
Power Requirements
All devices in the dsPIC33F/PIC24H family are dual volt-
age supply designs: one supply for the core and another
for the peripherals and I/O pins. A regulator is provided
on-chip to alleviate the need for two external voltage
supplies.
All of the dsPIC33F/PIC24H devices power their core
digital logic at a nominal 2.5V. To simplify system
design, all devices in the dsPIC33F/PIC24H Program-
ming Specification family incorporate an on-chip regu-
lator that allows the device to run its core logic from
VDD.
The regulator provides power to the core from the other
VDD pins. A low-ESR capacitor (such as tantalum) must
be connected to the VDDCORE pin (Figure 2-2). This
helps to maintain the stability of the regulator. The
specifications for core voltage and capacitance are
listed in Section TABLE 8-1: “AC/DC Characteristics
and Timing Requirements”.
FIGURE 2-2:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
2.2
Program Memory Write/Erase
Requirements
The program Flash memory on the dsPIC33F/PIC24H
has a specific write/erase requirement that must be
adhered to for proper device operation. The rule is that
any given word in memory must not be written without
first erasing the page in which it is located. Thus, the
easiest way to conform to this rule is to write all the data
in a programming block within one write cycle. The pro-
gramming methods specified in this document comply
with this requirement.
dsPIC33F/PIC24H
Programmer
Programming
Executive
On-Chip Memory
Note:
A program memory word can be pro-
grammed twice before an erase, but only
if (a) the same data is used in both pro-
gram operations or (b) bits containing ‘1’
are set to ‘0’ but no ‘0’ is set to ‘1’.
Note
1:
These are typical operating voltages. Refer
to Section TABLE 8-1: “AC/DC Charac-
teristics and Timing Requirements” for
the full operating ranges of VDD and
VDD
VDDCORE
VSS
dsPIC33F/PIC24H
CF
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80