| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
93C86A-I/MC bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C86A-I/MC bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 38 page ![]() © 2007 Microchip Technology Inc. DS21929D-page 23 93XX46X/56X/66X/76X/86X Example: 6-Lead SOT-23 XXNN 1EL7 3-Wire 6-Lead SOT-23 Package Marking Part Industrial Line 1 Marking E-Temp Line 1 Marking Part Industrial Line 1 Marking E-Temp Line 1 Marking Part Industrial Line 1 Marking E-Temp Line 1 Marking 93AA46A 1BNN 1CNN 93LC46A 1ENN 1FNN 93C46A 1HNN 1JNN 93AA46B 1LNN 1MNN 93LC46B 1PNN 1RNN 93C46B 1TNN 1UNN 93AA56A 2BNN 2CNN 93LC56A 2ENN 2FNN 93C56A 2HNN 2JNN 93AA56B 2LNN 2MNN 93LC56B 2PNN 2RNN 93C56B 2TNN 2UNN 93AA66A 3BNN 3CNN 93LC66A 3ENN 3FNN 93C66A 3HNN 3JNN 93AA66B 3LNN 3MNN 93LC66B 3PNN 3RNN 93C66B 3TNN 3UNN 93AA76A 4BNN 4CNN 93LC76A 4ENN 4FNN 93C76A 4HNN 4JNN 93AA76B 4LNN 4MNN 93LC76B 4PNN 4RNN 93C76B 4TNN 4UNN 93AA86A 5BNN 5CNN 93LC86A 5ENN 5FNN 93C86A 5HNN 5JNN 93AA86B 5LNN 5MNN 93LC86B 5PNN 5RNN 93C86B 5TNN 5UNN Legend: XX...X Part number or part number code T Temperature (I, E) Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn) Note: For very small packages with no room for the Pb-free JEDEC designator , the marking will only appear on the outer carton or reel label. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |