công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8376ACPZ-R7 bảng dữ liệu(PDF) 12 Page - Analog Devices

tên linh kiện AD8376ACPZ-R7
Giải thích chi tiết về linh kiện  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8376ACPZ-R7 bảng dữ liệu(HTML) 12 Page - Analog Devices

Back Button AD8376ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8376
Data Sheet
Rev. B | Page 12 of 24
CIRCUIT DESCRIPTION
BASIC STRUCTURE
The AD8376 is a dual differential variable gain amplifier with
each amplifier consisting of a 150 Ω digitally controlled passive
attenuator followed by a highly linear transconductance
amplifier.
gm CORE
AMP
MUX BUFFERS
1/2 AD8376
A0 TO A4
DIGITAL
SELECT
ATTENUATOR
IP+
VCM
IP–
OP+
OP–
Figure 33. Simplified Schematic
Input System
The dc voltage level at the inputs of the AD8376 is set by an
internal voltage reference circuit to about 2 V. This reference is
accessible at VCMA and VCMB and can be used to source or
sink 100 μA. For cases where a common-mode signal is applied
to the inputs, such as in a single-ended application, an external
capacitor between VCMA/VCMB and ground is required. The
capacitor improves the linearity performance of the part in this
mode. This capacitor should be sized to provide a reactance of
10 Ω or less at the lowest frequency of operation. If the applied
common-mode signal is dc, its amplitude should be limited to
0.25 V from VCMA/VCMB (VCMA or VCMB ± 0.25 V). Each
device can be powered down by pulling the ENBA or ENBB pin
down to below 0.8 V. In the powered down mode, the total
current reduces to 3 mA (typical). The dc level at the inputs and
at VCMA/VCMB remains at about 2 V, regardless of the state of
the ENBA of ENBB pin.
Output Amplifier
The gain is based on a 150 Ω differential load and varies as RL is
changed per the following equations:
Voltage Gain = 20 × (log(RL/150) + 1)
and
Power Gain = 10 × (log(RL/150) + 2)
The dependency of the gain on the load is due to the open-
collector architecture of the output stage.
The dc current to the outputs of each amplifier is supplied
through two external chokes. The inductance of the chokes and
the resistance of the load determine the low frequency pole of
the amplifier. The parasitic capacitance of the chokes adds to
the output capacitance of the part. This total capacitance in
parallel with the load resistance sets the high frequency pole of
the device. Generally, the larger the inductance of the choke, the
higher its parasitic capacitance. Therefore, the value and type of
the choke should be chosen keeping this trade-off in mind.
For operation frequency of 15 MHz to 700 MHz driving a
150 Ω load, 1 μH chokes with SRF of 160 MHz or higher are
recommended (such as 0805LS-102XJBB from Coilcraft).
The supply current of each amplifier consists of about 50 mA
through the VCC pin and 80 mA through the two chokes
combined. The latter increases with temperature at about
2.5 mA per 10°C.
Each amplifier has two output pins for each polarity, and they
are oriented in an alternating fashion. When designing the
board, care should be taken to minimize the parasitic capaci-
tance due to the routing that connects the corresponding
outputs together. A good practice is to avoid any ground or
power plane under this routing region and under the chokes to
minimize the parasitic capacitance.
Gain Control
Two independent 5-bit binary codes change each attenuator
setting in 1 dB steps such that the gain of each amplifier
changes from +20 dB (Code 0) to −4 dB (Code 24 and higher).
The noise figure of each amplifier is about 8 dB at maximum
gain setting, and it increases as the gain is reduced. The increase
in noise figure is equal to the reduction in gain. The linearity of
the part measured at the output is first-order independent of
the gain setting. From 0 dB to 20 dB gain, OIP3 is approximately
50 dBm into 150 Ω load at 140 MHz (3 dBm per tone). At gain
settings below 0 dB, it drops to approximately 45 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com