| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
93LC76B-E/P bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC76B-E/P bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 28 page ![]() 93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C DS21796H-page 12 © 2006 Microchip Technology Inc. 3.6 Program Enable (PE) This pin allows the user to enable or disable the ability to write data to the memory array. If the PE pin is tied to VCC, the device can be programmed. If the PE pin is tied to VSS, programming will be inhibited. This pin cannot be floated, it must be tied to VCC or VSS. PE is not available on 93XX76A or 93XX76B. On those devices, programming is always enabled. |