| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24FC512-I/MF bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC512-I/MF bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 42 page ![]() © 2007 Microchip Technology Inc. DS21930B-page 27 24AAXX/24LCXX/24FCXX Note: T = Temperature range: I = Industrial, E = Extended 8-Lead MSOP (150 mil) Example: XXXXXXT YWWNNN 4L8BI 2281L7 8-Lead MSOP Package Marking (Pb-free) Device Line 1 Marking Device Line 1 Marking Device Line 1 Marking Device Line 1 Marking 24AA01 4A01T 24LC01B 4L1BT 24AA014 4A14T 24LC014 4L14T 24C01C 4C1CT 24AA02 4A02T 24LC02B 4L2BT 24AA024 4A24T 24LC024 4L24T 24AA025 4A25T 24LC025 4L25T 24C02C 4C2CT 24AA04 4A04T 24LC04B 4L4BT 24AA08 4A08T 24LC08B 4L8BT 24AA16 4A16T 24LC16B 4L16T 24AA32A 4A32AT 24LC32A 4L32AT 24AA64 4A64T 24LC64 4L64T 24FC64 4F64T 24AA128 4A128T 24LC128 4L128T 24FC128 4F128T 24AA256 4A256T 24LC256 4L256T 24FC256 4F256T Legend: XX...X Part number or part number code Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn) plated devices Note: For very small packages with no room for the Pb-free JEDEC designator , the marking will only appear on the outer carton or reel label. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |