công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24LC256-I/MC bảng dữ liệu(PDF) 20 Page - Microchip Technology

tên linh kiện 24LC256-I/MC
Giải thích chi tiết về linh kiện  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-I/MC bảng dữ liệu(HTML) 20 Page - Microchip Technology

Back Button 24LC256-I/MC Datasheet HTML 16Page - Microchip Technology 24LC256-I/MC Datasheet HTML 17Page - Microchip Technology 24LC256-I/MC Datasheet HTML 18Page - Microchip Technology 24LC256-I/MC Datasheet HTML 19Page - Microchip Technology 24LC256-I/MC Datasheet HTML 20Page - Microchip Technology 24LC256-I/MC Datasheet HTML 21Page - Microchip Technology 24LC256-I/MC Datasheet HTML 22Page - Microchip Technology 24LC256-I/MC Datasheet HTML 23Page - Microchip Technology 24LC256-I/MC Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 20
© 2007 Microchip Technology Inc.
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24XX transmits the
first data byte, the master issues an acknowledge as
opposed to the Stop condition used in a random read.
This acknowledge directs the 24XX to transmit the next
sequentially addressed data byte (Figure 8-4). Follow-
ing the final byte transmitted to the master, the master
will NOT generate an acknowledge but will generate a
Stop condition. To provide sequential reads, the 24XX
contains an internal Address Pointer which is incre-
mented by one at the completion of each operation.
This Address Pointer allows the entire memory con-
tents to be serially read during one operation. If the last
address byte in the array is acknowledged, the Address
Pointer will roll over to address 0x00.
FIGURE 8-4:
SEQUENTIAL READ
Bus Activity
Master
SDA Line
Bus Activity
Control
Byte
Data Byte
Data Byte
Data Byte
Data Byte
N
O
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
P
Initial
Second
Third
Final



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42