công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

93LC66AX-E/SNG bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện 93LC66AX-E/SNG
Giải thích chi tiết về linh kiện  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66AX-E/SNG bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button 93LC66AX-E/SNG Datasheet HTML 10Page - Microchip Technology 93LC66AX-E/SNG Datasheet HTML 11Page - Microchip Technology 93LC66AX-E/SNG Datasheet HTML 12Page - Microchip Technology 93LC66AX-E/SNG Datasheet HTML 13Page - Microchip Technology 93LC66AX-E/SNG Datasheet HTML 14Page - Microchip Technology 93LC66AX-E/SNG Datasheet HTML 15Page - Microchip Technology 93LC66AX-E/SNG Datasheet HTML 16Page - Microchip Technology 93LC66AX-E/SNG Datasheet HTML 17Page - Microchip Technology 93LC66AX-E/SNG Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795C-page 14
© 2005 Microchip Technology Inc.
Note:
T = Temperature grade (I, E)
NN = Alphanumeric traceability code
Part Number
1st Line Marking Codes
TSSOP
MSOP
SOT-23
DFN
I Temp.
E Temp.
I Temp.
E Temp.
93AA66A
A66A
3A66AT
3BNN
—
361
—
93AA66B
A66B
3A66BT
3LNN
—
371
—
93AA66C
A66C
3A66CT
—
—
381
—
93LC66A
L66A
3L66AT
3ENN
3FNN
364
365
93LC66B
L66B
3L66BT
3PNN
3RNN
374
375
93LC66C
L66C
3L66CT
—
—
384
385
93C66A
C66A
3C66AT
3HNN
3JNN
367
368
93C66B
C66B
3C66BT
3TNN
3UNN
377
378
93C66C
C66C
3C66CT
—
—
387
388
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com