công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA8714M/7 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện TDA8714M/7
Giải thích chi tiết về linh kiện  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714M/7 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button TDA8714M/7 Datasheet HTML 2Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 3Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 4Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 5Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 6Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 7Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 8Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 9Page - NXP Semiconductors TDA8714M/7 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Oct 29
6
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
CHARACTERISTICS
VCCA =V7 to V6 = 4.75 to 5.25 V; VCCD =V18 to V17 = 4.75 to 5.25 V; VCCO =V19 and V21 to V20 = 4.75 to 5.25 V;
AGND and DGND shorted together; VCCA to VCCD = −0.25 to +0.25 V; VCCO to VCCD = −0.25 to +0.25 V;
VCCA to VCCO = −0.25 to +0.25 V; Vi(p-p) = 1.75 V; Tamb = 0 to +70 °C; typical values measured at
VCCA =VCCD =VCCO = 5 V and Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
−
25
30
mA
ICCD
digital supply current
−
27
33
mA
ICCO
output stages supply current
−
16
20
mA
Inputs
CLOCK INPUT CLK (REFERENCED TO DGND); note 1
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
Vclk = 0.4 V
−400
−−µA
IIH
HIGH level input current
Vclk = 2.7 V
−−
300
µA
ZI
input impedance
fclk = 80 MHz
−
18
−
k
Ω
CI
input capacitance
fclk = 80 MHz
−
1
−
pF
INPUT CE (REFERENCED TO DGND); see Table 2
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
VIL = 0.4 V
−400
−−µA
IIH
HIGH level input current
VIH = 2.7 V
−−
20
µA
V
I (ANALOG INPUT VOLTAGE REFERENCED TO AGND)
IIL
LOW level input current
VI = 1.2 V
−
0
−µA
IIH
HIGH level input current
VI = 3.5 V
60
130
280
µA
ZI
input impedance
fi = 4.43 MHz
−
10
−
k
Ω
CI
input capacitance
fi = 4.43 MHz
−
14
−
pF
Reference voltages for the resistor ladder; see Table 1
VRB
reference voltage BOTTOM
1.2
1.3
1.6
V
VRT
reference voltage TOP
3.5
3.6
3.9
V
Vdiff
differential reference voltage VRT − VRB
1.9
2.3
2.7
V
Iref
reference current
−
11.5
−
mA
RLAD
resistor ladder
−
200
−Ω
TCRLAD
temperature coefficient of the resistor ladder
−
0.24
−
ppm
VosB
offset voltage BOTTOM
note 2
275
285
295
mV
VosT
offset voltage TOP
note 2
305
315
325
mV
Vi(p-p)
analog input voltage (peak-to-peak value)
1.45
1.75
2.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24