công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8028ARMZ bảng dữ liệu(PDF) 25 Page - Analog Devices

tên linh kiện AD8028ARMZ
Giải thích chi tiết về linh kiện  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8028ARMZ bảng dữ liệu(HTML) 25 Page - Analog Devices

Back Button AD8028ARMZ Datasheet HTML 19Page - Analog Devices AD8028ARMZ Datasheet HTML 20Page - Analog Devices AD8028ARMZ Datasheet HTML 21Page - Analog Devices AD8028ARMZ Datasheet HTML 22Page - Analog Devices AD8028ARMZ Datasheet HTML 23Page - Analog Devices AD8028ARMZ Datasheet HTML 24Page - Analog Devices AD8028ARMZ Datasheet HTML 25Page - Analog Devices AD8028ARMZ Datasheet HTML 26Page - Analog Devices AD8028ARMZ Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
AD8027/AD8028
APPLICATIONS INFORMATION
analog.com
Rev. E | 25 of 27
dB pass band of 500 kHz. To start the design, select fO, Q, C1, and
R4. Then use the following equations to calculate the remaining
variables:
Q= fO (MHz)
Band Pass (MHz)
(8)
k = 2πfOC1
(9)
C2 = 0.5C1
(10)
R1 = 2/k, R2 = 2/(3k), R3 = 4/k
(11)
H = 1/3(6.5 − 1/Q)
(12)
R5 = R4/(H − 1)
(13)
Figure 67. Band-Pass Filter Schematic
The test data shown in Figure 68 indicates that this design yields
a filter response with a center frequency of fO = 1 MHz, and a
bandwidth of 450 kHz.
Figure 68. Band-Pass Filter Response
DESIGN TOOLS AND TECHNICAL SUPPORT
Analog Devices is committed to simplifying the design process
by providing technical support and online design tools. Analog
Devices offers technical support via evaluation boards, sample ICs,
interactive evaluation tools, data sheets, SPICE models, application
notes, and phone and email support available at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com