| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP111-195I/TT bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MP111-195I/TT bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 26 page ![]() © 2005 Microchip Technology Inc. DS21889D-page 3 MCP111/112 Threshold Hysteresis (min. = 1%, max = 6%) MCP1XX-195 VHYS 0.019 — 0.114 V TA = +25°C MCP1XX-240 0.023 — 0.139 V MCP1XX-270 0.026 — 0.158 V MCP1XX-290 0.029 — 0.174 V MCP1XX-300 0.029 — 0.176 V MCP1XX-315 0.031 — 0.185 V MCP1XX-450 0.044 — 0.263 V MCP1XX-475 0.046 — 0.278 V VOUT Low-level Output Voltage VOL —— 0.4 V IOL = 500 µA, VDD = VTRIP(MIN) VOUT High-level Output Voltage VOH VDD – 0.6 — — V IOH = 1 mA, For only MCP112 (push-pull output) Open-drain High Voltage on Output VODH — — 13.5 (3) V MCP111 only, VDD = 3.0V, Time voltage > 5.5V applied ≤ 100s, current into pin limited to 2 mA, +25°C operation recommended Note 3, Note 4 Open-drain Output Leakage Current (MCP111 only) IOD —0.1 — µA DC CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111), TA = -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Note 1: Trip point is ±1.5% from typical value. 2: Trip point is ±2.5% from typical value. 3: This specification allows this device to be used in PICmicro® microcontroller applications that require the In-Circuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for voltage requirements). This specification DOES NOT allow a continuous high voltage to be present on the open-drain output pin (VOUT). The total time that the VOUT pin can be above the maximum device operational voltage (5.5V) is 100 sec. Current into the VOUT pin should be limited to 2 mA. It is recommended that the device operational temperature be maintained between 0°C to 70°C (+25°C preferred). For additional information, please refer to Figure 2-28. 4: This parameter is established by characterization and is not 100% tested. |