| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE2144ACN bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2144ACN bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 72 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 34 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2142M electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2142M TLE2142AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 220 1900 200 1500 V VIO Input offset voltage Full range 2600 2200 µV VIO Temperature coefficient Full range 1.7 1.7 V/ °C αVIO Temperature coefficient of input offset voltage VO = 2.5 V, RS = 50 Ω, Full range 1.7 1.7 µV/°C IIO Input offset current VO = 2.5 V, VIC = 2.5 V RS = 50 Ω, 25 °C 8 100 8 100 nA IIO Input offset current VIC = 2.5 V Full range 200 200 nA IIB Input bias current 25 °C − 0.8 −2 − 0.8 −2 A IIB Input bias current Full range − 2.3 − 2.3 µA 0 − 0.3 0 − 0.3 25 °C 0 to − 0.3 to 0 to − 0.3 to VICR Common-mode input RS = 50 Ω 25 C to 3 to 3.2 to 3 to 3.2 V VICR Common-mode input voltage range RS = 50 Ω 0 − 0.3 0 − 0.3 V voltage range Full range 0 to − 0.3 to 0 to − 0.3 to Full range to 2.7 to 2.9 to 2.7 to 2.9 IOH = − 150 µA 3.9 4.1 3.9 4.1 IOH = − 1.5 mA 25 °C 3.8 4 3.8 4 VOH High-level output IOH = − 15 mA 25 C 3.4 3.7 3.4 3.7 V VOH High-level output voltage IOH = 100 µA 3.75 3.75 V voltage IOH = 1 mA Full range 3.65 3.65 IOH = 10 mA Full range 3.45 3.45 IOL = 150 µA 75 125 75 125 mV IOL = 1.5 mA 25 °C 150 225 150 225 mV VOL Low-level output IOL = 15 mA 25 C 1.2 1.4 1.2 1.4 V VOL Low-level output voltage IOL = 100 µA 200 200 mV voltage IOL = 1 mA Full range 250 250 mV IOL = 10 mA Full range 1.25 1.25 V AVD Large-signal differential VIC = ± 2.5 V, RL = 2 kΩ, 25 °C 50 220 50 220 V/mV AVD Large-signal differential voltage amplification VIC = ± 2.5 V, RL = 2 kΩ, VO = 1 V to − 1.5 V Full range 5 5 V/mV ri Input resistance 25 °C 70 70 M Ω ci Input capacitance 25 °C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25 °C 30 30 Ω CMRR Common-mode VIC = VICRmin, RS = 50 Ω 25 °C 85 118 85 118 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 80 80 dB kSVR Supply-voltage rejec- VCC ± = ±2.5 V to ±15 V, 25 °C 90 106 90 106 dB kSVR Supply-voltage rejec- tion ratio ( ∆VCC± /∆VIO) VCC ± = ±2.5 V to ±15 V, RS = 50 Ω Full range 85 85 dB ICC Supply current VO = 2.5 V, No load, 25 °C 6.6 8.8 6.6 8.8 mA ICC Supply current VO = 2.5 V, VIC = 2.5 V No load, Full range 9.2 9.2 mA † Full range is − 55°C to 125°C. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |