| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
93AA76B-E/P bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93AA76B-E/P bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 38 page ![]() 93XX46X/56X/66X/76X/86X DS21929D-page 4 © 2007 Microchip Technology Inc. 2.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings(†) VCC.............................................................................................................................................................................7.0V All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V Storage temperature ...............................................................................................................................-65°C to +150°C Ambient temperature with power applied ................................................................................................-40°C to +125°C ESD protection on all pins ......................................................................................................................................................≥ 4kV † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. TABLE 2-1: DC CHARACTERISTICS All parameters apply over the specified ranges unless otherwise noted. VCC = 1.8V to 5.5V Industrial (I): TA = -40°C to +85°C Automotive (E): TA = -40°C to +125°C Param. No. Symbol Parameter Min. Typ. Max. Units Conditions D1 VIH1 VIH2 High-level input voltage 2.0 0.7 VCC — — VCC +1 VCC +1 V V VCC ≥ 2.7V VCC < 2.7V D2 VIL1 VIL2 Low-level input voltage -0.3 -0.3 — — 0.8 0.2 VCC V V VCC ≥ 2.7V VCC < 2.7V D3 VOL1 VOL2 Low-level output voltage — — — — 0.4 0.2 V V IOL = 2.1 mA, VCC = 4.5V IOL = 100 μA, VCC = 2.5V D4 VOH1 VOH2 High-level output voltage 2.4 VCC-0.2 — — — — V V IOH = -400 μA, VCC = 4.5V IOH = -100 μA, VCC = 2.5V D5 ILI Input leakage current — — ±1 μAVIN = VSS to VCC D6 ILO Output leakage current — — ±1 μAVOUT = VSS to VCC D7 CIN, COUT Pin capacitance (all inputs/outputs) —— 7 pF VIN/VOUT = 0V (Note 1) TA = 25°C, FCLK = 1 MHz D8 ICC write Write current — — 2 mA FCLK = 3 MHz, VCC = 5.5V (93XX46X/56X/66X) — — — 500 3 — mA μA FCLK = 3 MHz, VCC = 5.5V (93XX76X/86X) FCLK = 2 MHz, VCC = 2.5V D9 ICC read Read current — — — — — 100 1 500 — mA μA μA FCLK = 3 MHz, VCC = 5.5V FCLK = 2 MHz, VCC = 3.0V FCLK = 2 MHz, VCC = 2.5V D10 ICCS Standby current — — — — 1 5 μA μA I-Temp (Note 2, 3) E-Temp CLK = Cs = 0V ORG = DI = VSS or VCC D11 VPOR VCC voltage detect — — 1.5V 3.8V — — V V 93AAX6A/B/C, 93LCX6A/B/C, 93CX6A/B/C (Note 1) Note 1: This parameter is periodically sampled and not 100% tested. 2: ORG and PE pins not available on ‘A’ or ‘B’ versions. 3: Ready/Busy status must be cleared from DO, see Section 4.4 “Data Out (DO)”. |