công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA8716 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện TDA8716
Giải thích chi tiết về linh kiện  8-bit high-speed analog-to-digital converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8716 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button TDA8716 Datasheet HTML 4Page - NXP Semiconductors TDA8716 Datasheet HTML 5Page - NXP Semiconductors TDA8716 Datasheet HTML 6Page - NXP Semiconductors TDA8716 Datasheet HTML 7Page - NXP Semiconductors TDA8716 Datasheet HTML 8Page - NXP Semiconductors TDA8716 Datasheet HTML 9Page - NXP Semiconductors TDA8716 Datasheet HTML 10Page - NXP Semiconductors TDA8716 Datasheet HTML 11Page - NXP Semiconductors TDA8716 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
1996 Aug 26
8
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8716
Outputs (RL = 2.2 kΩ)
Digital 10K ECL outputs (D0 to D7; IR)
VOL
LOW level output voltage
−1850
−1770
−1600
mV
VOH
HIGH level output voltage
−960
−880
−810
mV
IOL
LOW level output current
−
1.8
4.0
mA
IOH
HIGH level output current
−
2.0
4.0
mA
Timing (fCLK = 100 MHz; RL = 2.2 kΩ; see Fig.5)
tds
sampling delay
−
13ns
tHD
output hold time
4
−−
ns
td
output delay time
note 3
CL = 3.3 pF
−−
7.5
ns
CL = 7.5 pF
−−
9ns
taj
aperture jitter
−
15
−
ps
Switching characteristics
fCLK; fCLK
maximum clock frequency
120
−−
MHz
Analog signal processing (fCLK = 100 MHz)
Gdiff
differential gain
note 4
−
0.3
−
%
φdiff
differential phase
note 4
−
0.4
−°C
Harmonics (full scale); fi = 10 MHz; fCLK = 100 MHz
f1
fundamental
−
0
−
dB
f2
even harmonics
−−60
−
dB
f3
odd harmonics
−−50
−
dB
Transfer function
ILE
DC integral linearity error
−±0.5
±1
LSB
DLE
DC differential linearity error
−±0.25
±0.45
LSB
AILE
AC integral linearity error
note 4
−±1
±1.5
LSB
EB
effective bits
Figs 13 and 14; note 5;
fCLK = 100 MHz
fi = 4.43 MHz
see Fig.10
−
7.7
−
bits
fi = 10 MHz
see Fig.11
−
7.5
−
bits
fi = 20 MHz
see Fig.12
−
7.0
−
bits
fi = 30 MHz
−
6.5
−
bits
BER
bit error rate
fCLK = 100 MHz;
fi = 10 MHz; Vi = ±8 LSB at
code 128; 50% clock duty
factor
−
10−11
−
times/
samples
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com