công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24FC128T-I/MS bảng dữ liệu(PDF) 17 Page - Microchip Technology

tên linh kiện 24FC128T-I/MS
Giải thích chi tiết về linh kiện  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC128T-I/MS bảng dữ liệu(HTML) 17 Page - Microchip Technology

Back Button 24FC128T-I/MS Datasheet HTML 13Page - Microchip Technology 24FC128T-I/MS Datasheet HTML 14Page - Microchip Technology 24FC128T-I/MS Datasheet HTML 15Page - Microchip Technology 24FC128T-I/MS Datasheet HTML 16Page - Microchip Technology 24FC128T-I/MS Datasheet HTML 17Page - Microchip Technology 24FC128T-I/MS Datasheet HTML 18Page - Microchip Technology 24FC128T-I/MS Datasheet HTML 19Page - Microchip Technology 24FC128T-I/MS Datasheet HTML 20Page - Microchip Technology 24FC128T-I/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 17
24AAXX/24LCXX/24FCXX
6.2
Page Write
The write control byte, word address byte(s), and the
first data byte are transmitted to the 24XX in much the
same way as in a byte write (see Figure 6-3 and
Figure 6-4). The exception is that instead of generating
a Stop condition, the master transmits up to one page
of bytes(1), which is temporarily stored in the on-chip
page buffer. This data is then written into memory once
the master has transmitted a Stop condition. Upon
receipt of each word, the internal address counter is
incremented by one. If the master should transmit more
than one page of data prior to generating the Stop con-
dition, the address counter will roll over and the previ-
ously received data will be overwritten. As with the byte
write operation, once the Stop condition is received, an
internal write cycle begins. During the write cycle, the
24XX will not acknowledge commands.
Page writes can be any number of bytes within a page
(up to the page size), starting at any address. Only the
data bytes being addressed will be changed within the
page.
If an attempt is made to write to the array with the WP
pin held high, the device will acknowledge the
command, but no write cycle will occur, no data will be
written and the device will immediately accept a new
command.
6.3
Write-Protection
The WP pin allows the user to write-protect the array
when the pin is tied to VCC. See Device Selection
Table 1-1 for the write-protect scheme of each device.
If tied to VSS, the write protection is disabled. The WP
pin is sampled prior to the Stop bit for every Write
command (Figure 2-1). Toggling the WP pin after the
Stop bit will have no effect on the execution of the write
cycle.
FIGURE 6-3:
PAGE WRITE: 1 KB TO 16 KBIT DEVICES
FIGURE 6-4:
PAGE WRITE: 32 TO 512 KBIT DEVICES
* See Table 1-1 for maximum number of data bytes in a page.
Note 1: See Device Selection Table 1-1 for the
page size of each device.
Note:
Page write operations are limited to
writing bytes within a single physical
page, regardless of the number of
bytes actually being written. Physical
page boundaries start at addresses
that are integer multiples of the page
buffer size (or ‘page size’) and end at
addresses that are integer multiples of
[page size – 1]. If a Page Write
command attempts to write across a
physical page boundary, the result is
that the data wraps around to the
beginning of the current page (over-
writing data previously stored there),
instead of being written to the next
page, as might be expected. It is there-
fore necessary for the application soft-
ware to prevent page write operations
that would attempt to cross a page
boundary.
S
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
Byte
Initial
Final
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Second
Data Byte
Data Byte
Data Byte*
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
High Order
Address Byte
Low Order
Address Byte
Initial
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
Final
A
C
K
S
P
Data Byte
Data Byte*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com