| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6G01R-E/ST bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6G01R-E/ST bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 38 page ![]() MCP6G01/1R/1U/2/3/4 DS22004B-page 26 © 2006 Microchip Technology Inc. Package Marking Information (Continued) Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 14-Lead SOIC (150 mil) (MCP6S24) Example: XXXXXXXXXXX YYWWNNN XXXXXXXXXXX XXXXXXXX NNN YYWW 14-Lead TSSOP (4.4mm) (MCP6S24) Example: 6G04E/ST 256 0609 MCP6G04 0609256 E/SL^^3 e |