công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6G01T-E/SL bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện MCP6G01T-E/SL
Giải thích chi tiết về linh kiện  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01T-E/SL bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button MCP6G01T-E/SL Datasheet HTML 30Page - Microchip Technology MCP6G01T-E/SL Datasheet HTML 31Page - Microchip Technology MCP6G01T-E/SL Datasheet HTML 32Page - Microchip Technology MCP6G01T-E/SL Datasheet HTML 33Page - Microchip Technology MCP6G01T-E/SL Datasheet HTML 34Page - Microchip Technology MCP6G01T-E/SL Datasheet HTML 35Page - Microchip Technology MCP6G01T-E/SL Datasheet HTML 36Page - Microchip Technology MCP6G01T-E/SL Datasheet HTML 37Page - Microchip Technology MCP6G01T-E/SL Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 35
MCP6G01/1R/1U/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6G01:
Single SGA
MCP6G01T:
Single SGA
(Tape and Reel for MSOP and SOIC)
MCP6G01RT:
Single SGA
(Tape and Reel for SOT-23-5)
MCP6G01UT:
Single SGA
(Tape and Reel for SOT-23-5)
MCP6G02:
Dual SGA
MCP6G02T:
Dual SGA
(Tape and Reel for MSOP and SOIC)
MCP6G03:
Single SGA
MCP6G03T:
Single SGA
(Tape and Reel for MSOP and SOIC)
MCP6G04:
Quad SGA
MCP6G04T:
Quad SGA
(Tape and Reel for SOIC and TSSOP)
Temperature Range:
E
= -40°C to +125°C
Package:
MS = Plastic MSOP, 8-lead
OT = Plastic Small Outline Transistor (SOT-23-5), 5-lead
SN = Plastic SOIC (150 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead (MCP6G04)
ST = Plastic TSSOP (4.4mm Body), 14-lead (MCP6G04)
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6G01-E/MS:
Extended Temperature,
8LD MSOP.
b)
MCP6G01T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC.
c)
MCP6G01T-E/OT: Tape and Reel,
Extended Temperature,
5LD SOT-23-5.
d)
MCP6G01RT-E/OT: Tape and Reel,
Extended Temperature,
5LD SOT-23-5.
e)
MCP6G01UT-E/OT: Tape and Reel,
Extended Temperature,
5LD SOT-23-5.
a)
MCP6G02-E/MS:
Extended Temperature,
8LD MSOP.
b)
MCP6G02T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC.
a)
MCP6G03-E/MS:
Extended Temperature,
8LD MSOP.
b)
MCP6G03T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC.
c)
MCP6G03-E/SN:
Extended Temperature,
8LD SOIC.
a)
MCP6G04T-E/SL: Tape and Reel,
Extended Temperature,
14LD SOIC.
b)
MCP6G04T-E/ST: Tape and Reel,
Extended Temperature,
14LD TSSOP.
c)
MCP6G04-E/ST:
Extended Temperature,
14LD TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com