| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
12C671 bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
12C671 bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 129 page ![]() © 1999 Microchip Technology Inc. DS30561B-page 37 PIC12C67X 6.5 Read Operations Read operations are initiated in the same way as write operations with the exception that the R/W bit of the EEPROM address is set to one. There are three basic types of read operations; current address read, random read and sequential read. 6.5.1 CURRENT ADDRESS READ The EEPROM contains an address counter that main- tains the address of the last word accessed, internally incremented by one. Therefore, if the previous read access was to address n, the next current address read operation would access data from address n + 1. Upon receipt of the EEPROM address with the R/W bit set to one, the EEPROM issues an acknowledge and trans- mits the 8-bit data word. The processor will not acknowledge the transfer, but does generate a stop condition and the EEPROM discontinues transmission (Figure 6-8). 6.5.2 RANDOM READ Random read operations allow the processor to access any memory location in a random manner. To perform this type of read operation, first the word address must be set. This is done by sending the word address to the EEPROM as part of a write operation. After the word address is sent, the processor generates a start condi- tion following the acknowledge. This terminates the write operation, but not before the internal address pointer is set. Then the processor issues the control byte again, but with the R/W bit set to a one. The EEPROM will then issue an acknowledge and trans- mits the 8-bit data word. The processor will not acknowledge the transfer, but does generate a stop condition and the EEPROM discontinues transmission (Figure 6-9). After this command, the internal address counter will point to the address location following the one that was just read. 6.5.3 SEQUENTIAL READ Sequential reads are initiated in the same way as a ran- dom read, except that after the device transmits the first data byte, the processor issues an acknowledge as opposed to a stop condition in a random read. This directs the EEPROM to transmit the next sequentially addressed 8-bit word (Figure 6-10). To provide sequential reads, the EEPROM contains an internal address pointer, which is incremented by one at the completion of each read operation. This address pointer allows the entire memory contents to be serially read during one operation. FIGURE 6-8: CURRENT ADDRESS READ FIGURE 6-9: RANDOM READ FIGURE 6-10: SEQUENTIAL READ SDA LINE P S S T O P CONTROL BYTE S T A R T DATA A C K N O A C K 11 00 X X X 1 X = Don’t Care Bit ACTIVITY P SDA LINE S T A R T S T O P CONTROL BYTE A C K WORD ADDRESS (n) CONTROL BYTE S T A R T DATA (n) A C K A C K N O A C K XX X X S1 1 00 X X X 0 S1 1 00 X X X 1 X = Don’t Care Bit ACTIVITY P SDA LINE S T O P CONTROL BYTE A C K N O A C K DATA n DATA n + 1 DATA n + 2 DATA n + X A C K A C K A C K ACTIVITY |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |