công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4021-103E/MC bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện MCP4021-103E/MC
Giải thích chi tiết về linh kiện  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021-103E/MC bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button MCP4021-103E/MC Datasheet HTML 35Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 36Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 37Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 38Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 39Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 40Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 41Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 42Page - Microchip Technology MCP4021-103E/MC Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 39
MCP4021/2/3/4
5.2.10
WRITE WIPER SETTING TO
EEPROM AND DISABLE WiperLock
TECHNOLOGY
This mode is achieved by keeping the U/D pin static
(either at VIL or at VIH), while the CS pin is driven from
VIH to VIHH and then returned to VIH. When the falling
edge of the CS pin occurs (from VIHH to VIH), the wiper
value is written to EEPROM and the WiperLock
Technology is disabled (See Figure 5-10).
To ensure that “unexpected” transitions on the U/D pin
do not cause the wiper setting to change, force the CS
pin to VIH as soon as possible (within device
specifications) after the CS pin is forced to VIHH.
After the CS pin is driven to VIH (from VIHH), all other
serial commands are ignored until the EEPROM write
cycle (tWC) completes.
FIGURE 5-10:
Write Wiper Setting to EEPROM and Disable WiperLock™ Technology.
EEPROM
U/D
CS
Wiper
WiperLock™ Technology
X+4
X
X+4
WiperLock Technology Enable
WiperLock Technology Disable
VIHH
VIH
VIL
VIH
VIH
tWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com