| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1270AMBVCTTR bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1270AMBVCTTR bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 40 page ![]() TC1270A/70AN/71A DS22035B-page 32 © 2007 Microchip Technology Inc. 9.2 Product Tape and Reel Specifications FIGURE 9-1: EMBOSSED CARRIER DIMENSIONS (8 MM TAPE ONLY) FIGURE 9-2: 5-LEAD SOT-23 DEVICE TAPE AND REEL SPECIFICATIONS Top Cover Tape K0 P W B0 A0 TABLE 1: CARRIER TAPE/CAVITY DIMENSIONS Case Outline Package Type Carrier Dimensions Cavity Dimensions Output Quantity Units Reel Diameter in mm W mm P mm A0 mm B0 mm K0 mm OT SOT-23 5L 8 4 3.2 3.2 1.4 3000 180 RC SOT-143 4L 8 4 3.1 2.69 1.3 3000 180 User Direction of Feed P, Pitch Standard Reel Component Orientation Reverse Reel Component Orientation W, Width of Carrier Tape Pin 1 Pin 1 Device Marking |