| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6546RT-E/ST bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546RT-E/ST bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 32 page ![]() © 2006 Microchip Technology Inc. DS21714E-page 17 MCP6546/6R/6U/7/8/9 5.0 PACKAGING INFORMATION 5.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN MCP6546 I/P256 0636 MCP6546 I/SN0636 256 8-Lead MSOP Example: XXXXXX YWWNNN 6546I 636256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 5-Lead SOT-23 (MCP6546, MCP6546R, MCP6546U) Example: (I-temp) XXNN AC25 5-Lead SC-70 (MCP6546) Example: (I-temp) XXNN (Front) YWW (Back) AC25(Front) 636 (Back) Device I-Temp Code E-Temp Code MCP6546 ACNN GWNN MCP6546R AHNN GXNN MCP6546U — AWNN Note: Applies to 5-Lead SOT-23 Device I-Temp Code E-Temp Code MCP6546 ACNN Note 2 Note 1: I-Temp parts prior to March 2005 are marked “ACN” 2: SC-70-5 E-Temp parts not available at this release of the data sheet. MCP6546 I/P^^256 0636 MCP6546I SN^^0636 256 3 e 3 e OR OR |