công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3909-I/SS bảng dữ liệu(PDF) 28 Page - Microchip Technology

tên linh kiện MCP3909-I/SS
Giải thích chi tiết về linh kiện  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-I/SS bảng dữ liệu(HTML) 28 Page - Microchip Technology

Back Button MCP3909-I/SS Datasheet HTML 24Page - Microchip Technology MCP3909-I/SS Datasheet HTML 25Page - Microchip Technology MCP3909-I/SS Datasheet HTML 26Page - Microchip Technology MCP3909-I/SS Datasheet HTML 27Page - Microchip Technology MCP3909-I/SS Datasheet HTML 28Page - Microchip Technology MCP3909-I/SS Datasheet HTML 29Page - Microchip Technology MCP3909-I/SS Datasheet HTML 30Page - Microchip Technology MCP3909-I/SS Datasheet HTML 31Page - Microchip Technology MCP3909-I/SS Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MCP3909
DS22025A-page 28
© 2006 Microchip Technology Inc.
FIGURE 5-7:
Multiplier Output Mode 1 SPI Communication using 8-bit segments (Mode 0,1: SCK
idles low).
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D19
D15 D14 D13
D12
D11 D10 D9 D8
MCU latches data from
Data is clocked out
on rising edges of SCK
Device on falling edges of SCK
Don’t Care
X
XX
X
X
X
X
D15 D14 D13 D12
D11 D10 D9
D8
D19 D18 D17 D16
X
X
X
MCU Transmit Buffer
MCU Receive Buffer
X
Data stored into MCU receive register
after transmission of first 8 bits
Data stored into MCU receive register
after transmission of second 8 bits
D18 D17 D16
X
X
X
X
X
17
18
19
20
21
22
23
24
D2 D1 D0
X
X
D3 D2 D1 D0
X
X
X
MCU Transmit Buffer
MCU Receive Buffer
Data stored into MCU receive register
after transmission of third 8 bits
D3
X
X
X
D7
D6 D5
D4
Don’t Care
X = Don’t Care Bits
N = Null Bits
0
0
0
0
D7
D6 D5 D4
F1 / SDI
F2 / SCK
NEG / SDO
F0 / CS
F0 / CS
F2 / SCK
F1 / SDI
NEG / SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40