| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
25LC512 bảng dữ liệu(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC512 bảng dữ liệu(HTML) 20 Page - Microchip Technology |
|
20 / 32 page ![]() 25AA512/25LC512 DS22021B-page 20 Preliminary © 2007 Microchip Technology Inc. 4.0 PACKAGING INFORMATION 4.1 Package Marking Information T/XXXNNN XXXXXXXX YYWW 8-Lead PDIP 8-Lead SOIC XXXXYYWW XXXXXXXT NNN I/P 1L7 25AA512 0728 Example: Example: SN 0728 25LC512I 1L7 8-Lead DFN Example : XXXXXXX T/XXXXX YYWW 25LC512 I/MF 0728 1L7 NNN Legend: XX...X Part number or part number code T Temperature (I, E) Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn) Note: For very small packages with no room for the Pb-free JEDEC designator , the marking will only appear on the outer carton or reel label. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e * Standard marking consists of Microchip part number, year code, week code, traceability code (facility code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. 3 e 3 e 8-Lead SOIJ T/XXXXXX XXXXXXXX YYWWNNN Example: I/SM 25LC512 3 e 3 e 07281L7 |