| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4822T-E/P bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4822T-E/P bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 36 page ![]() © 2005 Microchip Technology Inc. DS21953A-page 17 MCP4821/MCP4822 5.0 SERIAL INTERFACE 5.1 Overview The MCP482X family is designed to interface directly with the SPI port, available on many microcontrollers, and supports Mode 0,0 and Mode 1,1. Commands and data are sent to the device via the SDI pin, with data being clocked-in on the rising edge of SCK. The communications are unidirectional and, thus, data cannot be read out of the MCP482X devices. The CS pin must be held low for the duration of a write com- mand. The write command consists of 16 bits and is used to configure the DAC’s control and data latches. Register 5-1 details the input registers used to configure and load the DACA and DACB registers. Refer to Figure 1-1 and the AC Electrical Characteristics tables for detailed input and output tim- ing specifications for both Mode 0,0 and Mode 1,1 operation. 5.2 Write Command The write command is initiated by driving the CS pin low, followed by clocking the four configuration bits and the 12 data bits into the SDI pin on the rising edge of SCK. The CS pin is then raised, causing the data to be latched into the selected DAC’s input registers. The MCP482X devices utilize a double-buffered latch struc- ture to allow both DACA’s and DACB’s outputs to be synchronized with the LDAC pin, if desired. Upon the LDAC pin achieving a low state, the values held in the DAC’s input registers are transferred into the DACs’ output registers. The outputs will transition to the value and held in the DACX register. All writes to the MCP482X devices are 16-bit words. Any clocks past 16 will be ignored. The most signifi- cant four bits are configuration bits. The remaining 12 bits are data bits. No data can be transferred into the device with CS high. This transfer will only occur if 16 clocks have been transferred into the device. If the rising edge of CS occurs prior, shifting of data into the input registers will be aborted. REGISTER 5-1: WRITE COMMAND REGISTER bit 15 A/B: DACA or DACB Select bit 1 = Write to DACB 0 = Write to DACA bit 14 — Don’t Care bit 13 GA: Output Gain Select bit 1 =1x (VOUT = VREF * D/4096) 0 =2x (VOUT = 2 * VREF * D/4096) bit 12 SHDN: Output Power-down Control bit 1 = Output Power-down Control bit 0 = Output buffer disabled, Output is high-impedance bit 11-0 D11:D0: DAC Data bits 12-bit number “D” which sets the output value. Contains a value between 0 and 4095. Upper Half: W-x W-x W-x W-0 W-x W-x W-x W-x A/B — GA SHDN D11 D10 D9 D8 bit 15 bit 8 Lower Half: W-x W-x W-x W-x W-x W-x W-x W-x D7 D6 D5 D4 D3 D2 D1 D0 bit 7 bit 0 Legend R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR 1 = bit is set 0 = bit is cleared x = bit is unknown |