| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4821-E/MS bảng dữ liệu(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4821-E/MS bảng dữ liệu(HTML) 33 Page - Microchip Technology |
|
33 / 36 page ![]() © 2005 Microchip Technology Inc. DS21953A-page 33 MCP4821/4822 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: MCP4821: 12-Bit DAC with SPI™ Interface MCP4821T: 12-Bit DAC with SPI Interface (Tape and Reel) (SOIC, MSOP) MCP4822: 12-Bit DAC with SPI Interface MCP4822T: 12-Bit DAC with SPI Interface (Tape and Reel) (SOIC, MSOP) Temperature Range: E = -40°C to +125°C Package: MS = Plastic MSOP, 8-lead P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC, (150 mil Body), 8-lead PART NO. X /XX Package Temperature Range Device Examples: a) MCP4821T-E/SN: Tape and Reel Extended Temperature, 8LD SOIC package. b) MCP4821T-E/MS: Tape and Reel Extended Temperature, 8LD MSOP package. c) MCP4821-E/SN: Extended Temperature, 8LD SOIC package. d) MCP4821-E/MS: Extended Temperature, 8LD MSOP package. e) MCP4821-E/P: Extended Temperature, 8LD PDIP package. a) MCP4822T-E/SN: Tape and Reel Extended Temperature, 8LD SOIC package. b) MCP4822-E/P: Extended Temperature, 8LD PDIP package. c) MCP4822-E/SN: Extended Temperature, 8LD SOIC package. |