| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4021 bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4021 bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 64 page ![]() © 2006 Microchip Technology Inc. DS21945E-page 37 MCP4021/2/3/4 5.2.8 HIGH-VOLTAGE DECREMENT AND DISABLE WiperLock TECHNOLOGY This mode is achieved by initializing the U/D pin to a low state (VIL) prior to the CS pin being driven to VIHH. Subsequent rising edges of the U/D pin decrement the wiper setting toward terminal B. Set the U/D pin to the low state (VIL) prior to forcing the CS pin to VIH. This begins a write cycle and disables the WiperLock Technology feature (See Figure 5-8). After the CS pin is driven to VIH (from VIHH), all other serial commands are ignored until the EEPROM write cycle (tWC) completes. FIGURE 5-8: High-Voltage Decrement and Disable WiperLock™ Technology. Note: The wiper value will not underflow. That is, once the wiper value equals 0x00, subsequent decrement commands are ignored. EEPROM U/D CS Wiper 1 2 3 4 WiperLock™ Technology WiperLock Technology Enable WiperLock Technology Disable X XX X X X-4 X-1 X X-2 X-3 X-4 VIHH VIH VIH 5 6 VIL VIH VIL tWC |