công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP23008 bảng dữ liệu(PDF) 29 Page - Microchip Technology

tên linh kiện MCP23008
Giải thích chi tiết về linh kiện  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23008 bảng dữ liệu(HTML) 29 Page - Microchip Technology

Back Button MCP23008 Datasheet HTML 25Page - Microchip Technology MCP23008 Datasheet HTML 26Page - Microchip Technology MCP23008 Datasheet HTML 27Page - Microchip Technology MCP23008 Datasheet HTML 28Page - Microchip Technology MCP23008 Datasheet HTML 29Page - Microchip Technology MCP23008 Datasheet HTML 30Page - Microchip Technology MCP23008 Datasheet HTML 31Page - Microchip Technology MCP23008 Datasheet HTML 32Page - Microchip Technology MCP23008 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21919D-page 29
MCP23008/MCP23S08
FIGURE 2-6:
SPI OUTPUT TIMING
CS
SCK
SO
8
13
MSb out
LSb out
2
14
don’t care
SI
Mode 1,1
Mode 0,0
9
12
TABLE 2-3:
SPI INTERFACE AC CHARACTERISTICS
SPI Interface AC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +85°C (I-Temp)
4.5V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C (E-Temp) (Note 1)
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Clock Frequency
FCLK
—
—
5
MHz
1.8V – 5.5V (I-Temp)
—
—
10
MHz
2.7V – 5.5V (I-Temp)
—
—
10
MHz
4.5V – 5.5V (E-Temp)
1CS Setup Time
TCSS
50
—
—
ns
2CS Hold Time
TCSH
100
—
—
ns
1.8V – 5.5V (I-Temp)
50
—
—
ns
2.7V – 5.5V (I-Temp)
50
—
—
ns
4.5V – 5.5V (E-Temp)
3CS Disable Time
TCSD
100
—
—
ns
1.8V – 5.5V (I-Temp)
50
—
—
ns
2.7V – 5.5V (I-Temp)
50
—
—
ns
4.5V – 5.5V (E-Temp)
4
Data Setup Time
TSU
20
—
—
ns
1.8V – 5.5V (I-Temp)
10
—
—
ns
2.7V – 5.5V (I-Temp)
10
—
—
ns
4.5V – 5.5V (E-Temp)
5
Data Hold Time
THD
20
—
—
ns
1.8V – 5.5V (I-Temp)
10
—
—
ns
2.7V – 5.5V (I-Temp)
10
—
—
ns
4.5V – 5.5V (E-Temp)
6
CLK Rise Time
TR
——
2
µs
Note 1
7
CLK Fall Time
TF
——
2
µs
Note 1
8
Clock High Time
THI
90
—
—
ns
1.8V – 5.5V (I-Temp)
45
—
—
ns
2.7V – 5.5V (I-Temp)
45
—
—
ns
4.5V – 5.5V (E-Temp)
Note 1: This parameter is characterized, not 100% tested.
2: TV = 90 ns (max) when address pointer rolls over from address 0x0A to 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com