| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PS200 bảng dữ liệu(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PS200 bảng dữ liệu(HTML) 35 Page - Microchip Technology |
|
35 / 36 page ![]() © 2005 Microchip Technology Inc. DS21891B-page 33 PS200 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device PS200 Temperature Range I = -20 °C to +85°C (Industrial) Package P = PDIP SO = SOIC SS = SSOP Examples: a) PS200-I/SO = Industrial Temperature, SOIC package b) PS200-I/SS = Industrial Temperature, SSOP package c) PS200-I/P = Industrial Temperature, PDIP package |