| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2140 bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2140 bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 58 page ![]() 2003 Microchip Technology Inc. Preliminary DS21790A-page 49 MCP2140 B.1.7 OTHER OPTIONAL IrDA DATA PROTOCOLS Other IrDA data protocols have been developed to spe- cific application requirements. These IrDA data proto- cols are briefly described in the following subsections. For additional information, please refer to the IrDA web site (www.IrDA.org). B.1.7.1 IrTran-P IrTran-P provides the protocol to exchange images with digital image capture devices/cameras. B.1.7.2 IrOBEX IrOBEX provides OBject EXchange services. This is similar to HTTP. B.1.7.3 IrLAN IrLAN describes a protocol to support IR wireless access to a Local Area Network (LAN). B.1.7.4 IrMC IrMC describes how mobile telephony and communica- tion devices can exchange information. This informa- tion includes phone book, calender and message data. Also how call control and real-time voice are handled (RTCON). B.1.7.5 IrDA Lite IrDA Lite describes how to reduce the application code requirements, while maintaining compatibility with the full implementation. Note: Not supported by MCP2140. Note: Not supported by MCP2140. Note: Not supported by MCP2140. Note: Not supported by MCP2140. Note: Not supported by MCP2140. |