| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC642B bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC642B bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 34 page ![]() TC642B/TC647B DS21756B-page 26 2003 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information XXXXXXXXX NNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXX XXXYYWW NNN TC642BCPA 025 0215 TC642B COA0215 025 8-Lead MSOP Example: XXXXXX YWWNNN TC642B 215025 Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard device marking consists of Microchip part number, year code, week code, and traceability code. |