| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC72-3.3MUATR bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC72-3.3MUATR bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 24 page ![]() 2002 Microchip Technology Inc. DS21743A-page 15 TC72 6.2 Package Marking Information Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. 8-Lead DFN Example : XXXXXXXX MYWW NNN 7228 8221 067 8-Lead MSOP Example: XXXXXX YWWNNN TC722M 221067 |