| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCF5249LPV120 bảng dữ liệu(PDF) 15 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SCF5249LPV120 bảng dữ liệu(HTML) 15 Page - Freescale Semiconductor, Inc |
|
15 / 56 page ![]() Signal Descriptions SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3 Freescale Semiconductor 15 IEC958 inputs EBUIN1/GPI36 EBUIN2/GPI37 EBUIN3/ADIN0/GPI38 EBUIN4/ADIN1/GPI39 Audio interfaces IEC958 inputs multiplexed with some A/D inputs In IEC958 outputs EBUOUT1/GPO36 EBUOUT2/GPO37 Audio interfaces IEC958 outputs Out Serial data in SDATAI1 SDATAI3/GPI41 SDATA14/GPI42 Audio interfaces serial data inputs In Serial data out SDATAO1/GPIO25 SDATAO2/GPO41 Audio interfaces serial data outputs In/Out Out Word clock LRCK1 LRCK2/GPIO44 LRCK3/GPIO45 LRCK4/GPIO46 Audio interfaces serial word clocks In/Out Bit clock SCLK1 SCLK2/GPIO48 SCLK3/GPIO49 SCLK4/GPIO50 Audio interfaces serial bit clocks In/Out Serial input EF/GPIO19 Error flag serial in In/Out Serial input CFLG/GPIO18 C-flag serial in In/Out Subcode clock RCK/GPIO51 Audio interfaces subcode clock In/Out Subcode sync SFSY/GPIO52 Aaudio interfaces subcode sync In/Out Subcode data SUBR/GPIO53 Audio interfaces subcode data In/Out Clock frequency trim XTRIM/GPO38 Clock trim control Out Audio clocks out MCLK1/GPIO39 MCLK2/GPIO42 DAC output clocks Out MemoryStick/SecureDigit al interface CMDSDIO2/GPIO34 Secure Digital command lane MemoryStick interface 2 data i/o In/Out SCLKOUT/GPIO15 Clock out for both MemoryStick interfaces and for Secure Digital In/Out SDATA0_SDIO1/GPIO54 SecureDigital serial data bit 0 MemoryStick interface 1 data i/o In/Out SDATA1_BS1/GPIO9 SecureDigital serial data bit 1 MemoryStick interface 1 strobe In/Out RSTO/SDATA2_BS2 SecureDigital serial data bit 2 MemoryStick interface 2 strobe Reset output signal In/Out SDATA3/GPIO56 SecureDigital serial data bit 3 In/Out Table 4. SCF5249 Signal Index (continued) Signal Name Mnemonic Function Input/ Output Reset State |