| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6021-I/MS bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6021-I/MS bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 34 page ![]() © 2006 Microchip Technology Inc. DS21685C-page 17 MCP6021/1R/2/3/4 5.0 DESIGN TOOLS Microchip provides the basic design tools needed for the MCP6021/1R/2/3/4 family of op amps. 5.1 SPICE Macro Model The latest SPICE macro model available for the MCP6021/1R/2/3/4 op amps is on Microchip’s web site at www.microchip.com. This model is intended as an initial design tool that works well in the op amp’s linear region of operation at room temperature. Within the macro model file is information on its capabilities. Bench testing is a very important part of any design and cannot be replaced with simulations. Also, simulation results using this macro model need to be validated by comparing them to the data sheet specifications and characteristic curves. 5.2 FilterLab® Software Microchip’s FilterLab® software is an innovative tool that simplifies analog active filter (using op amps) design. It is available free of charge from our web site at www.microchip.com. The FilterLab software tool provides full schematic diagrams of the filter circuit with component values. It also outputs the filter circuit in SPICE format, which can be used with the macro model to simulate actual filter performance. |